|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
GBPC15/25/35/50 SERIES GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES Surge overload -300~450 amperes peak Low forward voltage drop Mounting position :Any Electrically isolated base-2000 Vlots Solderable 0.25" FASTON terminals Materials used carries U/L recognition .254(6.45) .242(6.15) 1.133(28.8) 1.114(28.3) .661(16.8) .648(16.4) REVERSE VOLTAGE RWARD CURRENT - 50 to 1000Volts - 15/25/35/50Amperes GBPC METAL HEAT SINK .335(8.5) .295(7.5) .925(23.5) .886(22.5) G 0.94 (2.4) diam G .035(0.9) .028(0.7) Hole for No.8 screw 193"(4.9)diam .720(18.3) .705(17.9) .661(16.8) .648(16.4) 1.133(28.8) 1.114(28.3) .571(14.5) .555(14.1) Dimensions in inches and (milimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 ambient temperature unless otherwise specified. Resistive or inductive load 60Hz. For capacitive load, derate current by 20% GBPC GBPC 1501 2501 3501 5001 100 70 15 GBPC 15 IFSM 300 GBPC 25 GBPC 1502 2502 3502 5002 200 140 25 350 GBPC 1504 2504 3504 5004 400 280 GBPC 1506 2506 3506 5006 600 420 35 GBPC 35 400 GBPC 50 GBPC 1508 2508 3508 5008 800 560 GBPC 1510 2510 3510 5010 1000 700 50 450 V V A UNIT 15005 SYMBOL 25005 35005 50005 Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current @ TC=55 Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Element at 7.5/12.5/17.5/25.0 A Peak Maximum Reverse Current at Rated DC Blocking Voltage Per Element Operating Temperature Range Storage Temperature Range @ TA=25 VF IR TJ TSTG 1.1 10 -55 to +150 -55 to +150 V A VRRM VRMS I(AV) 50 35 CHARACTERISTICS A ~ 385 ~ RATING AND CHARACTERISTIC CURVES GBPC15/25/35/50 SERIES FIG.1-MAXMUN FORWARD SURGE CURRENT 500 PEAK FORWARD SURGE CURRENT , AMPERES AVERAGE FORWARD OUTPUT CURRENT , AMPERES 400 350 GBPC35 GBPC50 FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT 50 GBPC50 300 GBPC25 40 GBPC35 30 200 GBPC15 20 GBPC25 10 0 GBPC15 0 1 10 NUMBER OF CYCLES AT 60Hz 100 50 100 150 TEMPERATURE,C FIG.3-TYPICAL FORWARD CHARACTERISTICS 100 INSTANTANEOUS FORWARD CURRENT ,(A) GBPC50 GBPC25 GBPC35 GBPC15 FIG.4-TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, MICROAMPERES 10 10 1.0 1.0 0.1 TJ=25C 0.1 0.01 0 0.01 20 40 60 80 100 120 140 0.4 0.6 0.8 1.0 1.2 1.4 1.6 PERCENT OF RATED PEAK REVERSE VOLTAGE INSTANTANEOUS FORWARD VOLTAGE,VOLTS ~ 386 ~ |
Price & Availability of GBPC15005-GBPC1510 |